PART |
Description |
Maker |
HT66F30 HT66F20 HT66F40 HT66F50 HT66F60 |
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
ATTINY25-15ST1 ATTINY25-15MT ATTINY25-15MZ ATTINY2 |
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash MCU AVR 4K FLASH 15MHZ 20-QFN 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, QCC20 MCU AVR 8K FLASH 15MHZC 20-QFN 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, QCC20 MCU AVR 8K FLASH 15MHZ 8-SOIC
|
ATMEL Corporation Atmel, Corp.
|
HT45FH3T |
3D Glasses 8-bit Flash Type MCU
|
Holtek Semiconductor Inc
|
HT66F60A |
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
HT45FM03B10 |
Brushless DC Motor Flash Type 8-Bit MCU
|
http:// Holtek Semiconductor Inc
|
HT66FU60 HT66F40 HT66F20 HT66F60 |
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
STM8S903K3T6C STM8S903F3 |
16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I2C Mainstream Application specific line 8-bit MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM
|
STMicroelectronics STMicroelectronics N.V.
|
HT46F46E HT46F47E HT46F48E HT46F49E |
Cost-Effective A/D Flash Type 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
EKK8011 10G050-2C 10G050-2L 10G103-3X 10G102-3X HD |
Low-Voltage, Single Supply, SPST, High Performance Analog Switches; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Interface IC Logic IC IC MCU 8BIT 40/20MHZ 44-PLCC 8-BIT MICROCONTROLLER Octal D-Type Positive Edge Triggered Flip-Flops with 3-State Outputs 20-CFP -55 to 125 Quad 2-Input OR Gate; ; Package: Die (Military Visual) Microcontroller 微控制器 MCU AVR 32KB FLASH 20MHZ 44TQFP 微控制器 IC FLASH CONFIG 8M 44PLCC H8S/2623系列H8S/2626系列硬件手册 MCU AVR 32KB FLASH 44QFN
|
Maxim Integrated Products, Inc. Hitachi,Ltd. Intel, Corp.
|
HT66F03 HT66F04 HT68F03 HT68F04 |
Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
HT68FB30 HT68FB60 |
Enhanced I/O Flash Type 8-Bit MCU with EEPROM & USB Interface
|
Holtek Semiconductor Inc
|
STR71XF STR712FR0XX STR71XF07 STR711FR1XX STR710FR |
ARM7TDMI 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces(带Flash, USB, CAN 5个定时器, ADC, 10个通信接口的ARM7TDMI 32位MCU) ARM7TDMI2位微控制器的闪存,USB,可5定时器,ADC10通讯接口(带闪存,USB,可5个定时器,ADC10个通信接口的ARM7TDMI2位微控制器) ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
|
STMicroelectronics N.V. 意法半导
|